Part Number Hot Search : 
L6926Q1 1205D FX365A MPSH17 LTC1060S PE83511 5AT0W 2SK2613
Product Description
Full Text Search
 

To Download TLS01305111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 1 of 23 specification part no. : tls.01.3 05111 description : shockwave 698 - 960/ 1575.42/ 1710 - 2700mhz permanent mount external antenna 3m cfd - 200 sma(m) feature s : applicable for 2g/3g/4g cellular bands and gps ov er 45 % efficiency and 2.2 dbi gain mechanical ly robust for indoor/outdoor applications height: 79.45 mm ( 3.13" ); diameter: 42 mm ( 1.65") ip67 and ip69k waterproof low loss cfd - 200 cable, 3 meters sma(m) connector rohs compliant
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 2 of 23 1. introduction the shockwave tls.01 .305111 is a permanent mount, wat erproof, external 2g/3g/4g cellular and gps antenna operating at 698 - 960/1575.42/1710 - 2700mhz with an n type male connector. it has been designed to be used on a ground plane. it can be used in mobile and fixed applications for 4g lte wireless such as : ? p ublic safety ? hd video streaming ? utilities and smart cities ? f leet management ? a gricultural ? i ndustrial this antenna has superior performance over wide - bands compared to tra ditional whip antennas. up to 77 % e fficiency and with a minimum 2.2 dbi peak gain over all cellular bands result when mounted on a 30x30 cm ground plane. stable radiation patterns over low angles provides consistent gain in the horizontal plane, meaning that it is especially suitable for cellular applications. a unique indent tab on the base of the antenna allows a wrench to be used to solidly lock the antenna on top of its mounting location while tightening up the nut beneath the metal panel. waterproof o - rings around the bottom base prevent water from leaking under the antenna. the tls.01 antenna is ip67 waterproof and ip69k resistant against high pressure water jets in commercial cleaning environments, which makes the antenna ideal for 2g/ 3g/4g application s either in indoor or in harsh outdoor environments.
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 3 of 23 2. specification el ectrical operation band lte gsm850 gsm900 gps dcs pcs wcdma i lte operation frequency (mhz) 698~80 6 824~89 6 880~96 0 1575.42 1710~1 880 1850 ~1 990 1920~2 170 2300~2 690 on 30 x 30 cm ground plane efficiency (%) 30cm c a ble length 94.23 95.11 80.92 67. 29 7 7.21 80.27 78.56 67.79 1m c a ble length 89.16 90.83 77.28 62.80 70.42 73.21 72.37 61.82 2m c a ble length 83.21 83.50 70.48 55 .97 62.76 64.59 63.50 53.51 3m c a ble length 77.02 77.31 65.31 51.04 55.77 57.19 56.04 46.50 5m c a ble length 66.52 65.80 55.17 42.46 44.05 44.84 43.61 35.10 peak gain (dbi) 30cm c a ble length 3.22 3.32 3.15 2.08 3.90 3.82 3.73 4.64 1m c a ble length 3.02 3.12 2.95 1.78 3.50 3.42 3.33 4.24 2m c a ble length 2.72 2.82 2.55 1.28 3.00 2.92 2. 73 3.64 3m c a ble length 2.42 2.42 2.25 0.88 2.50 2.32 2.23 3.02 5m c a ble length 1.72 1.72 1.55 0.08 1.50 1.32 1.13 1.82 a verage gain (dbi) 30cm c a ble length - 0.26 - 0.22 - 0.93 - 1.72 - 1.13 - 0.96 - 1.05 - 1.71 1m c a ble length - 0.50 - 0.42 - 1.13 - 2.02 - 1.53 - 1.36 - 1.41 - 2.11 2m c a ble length - 0.80 - 0.79 - 1.53 - 2.52 - 2.03 - 1.90 - 1.98 - 2.74 3m c a ble length - 1.14 - 1.12 - 1.86 - 2.92 - 2.54 - 2.43 - 2.52 - 3.35 5m c a ble length - 1.77 - 1.82 - 2.59 - 3.72 - 3.57 - 3.49 - 3.61 - 4.58 return loss (db)* < - 8 < - 10 < - 10 < - 10 < - 10 < - 10 < - 10 < - 10 impedance 50 polarization vertical radiation property omni - directional max input power 100 w
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 4 of 23 mechanical dimension (mm) height: 79.45mm(3.13") ; diameter : 42mm(1.65") cable 3 met er cfd - 200 connector sma(m) material housing : uv resistant abs , base : nickel plated zinc alloy weight (g) 270 rec. torque for mounting 4.018 n .m max. torque for mounting 9.8 n.m environmental waterproof rating ip67 and ip69k operation temper ature - 40c to 85 c humidity non - condensing 65c 95% rh *the data was measured with 3 meters cable length on a 30cm * 30cm ground plane .
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 5 of 23 lte bands band number lte / lte - advanced / wcdma / hspa / hspa+ / td - scdma uplink downlink covered 1 ul: 1920 to 1980 dl: 2110 to 2170 ? 2 ul: 1850 to 1910 dl: 1930 to 1990 ? 3 ul: 1710 to 1785 dl: 1805 to 1880 ? 4 ul: 1710 to 1755 dl: 2110 to 2155 ? 5 ul: 824 to 849 dl: 869 to 894 ? 7 ul: 2500 to 2570 dl:2620 to 2690 ? 8 ul: 880 to 915 dl: 925 to 960 ? 9 u l: 1749.9 to 1784.9 dl: 1844.9 to 1879.9 ? 11 ul: 1427.9 to 1447.9 dl: 1475.9 to 1495.9 ? 12 ul: 699 to 716 dl: 729 to 746 ? 13 ul: 777 to 787 dl: 746 to 756 ? 14 ul: 788 to 798 dl: 758 to 768 ? 17 ul: 704 to 716 dl: 734 to 746 (lte only) ? 18 ul: 81 5 to 830 dl: 860 to 875 (let only) ? 19 ul: 830 to 845 dl: 875 to 890 ? 20 ul: 832 to 862 dl: 791 to 821 ? 21 ul: 1447.9 to 1462.9 dl: 1495.9 to 1510.9 ? 22 ul: 3410 to 3490 dl: 3510 to 3590 ? 23 ul:2000 to 2020 dl: 2180 to 2200 (lte only) ? 24 ul:16 25.5 to 1660.5 dl: 1525 to 1559 (lte only) ? 25 ul: 1850 to 1915 dl: 1930 to 1995 ? 26 ul: 814 to 849 dl: 859 to 894 ? 27 ul: 807 to 824 dl: 852 to 869 (lte only) ? 28 ul: 703 to 748 dl: 758 to 803 (lte only) ? 29 ul: - dl: 717 to 728 (lte only) ? 30 ul: 2305 to 2315 dl: 2350 to 2360 (lte only) ? 31 ul: 452.5 to 457.5 dl: 462.5 to 467.5 (lte only) ? 32 ul: - dl: 1452 - 1496 ? 35 1850 to 1910 ? 38 2570 to 2620 ? 39 1880 to 1920 ? 40 2300 to 2400 ? 41 2496 to 2690 ? 42 3400 to 3600 ? 43 3600 to 3800 ?
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 6 of 23 3. antenna characteristics 3.1. return loss 3.2. efficiency
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 7 of 23 3.3. average gain 3.4. peak gain
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 8 of 23 4. antenna radiation p attern 4.1. measurement setup the tls.01 antenna is tested in a ctia certified ets - l indgren anechoic chamber . the test setup is shown below .
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 9 of 23 4.2. 2d radiation pattern 698 - 960mhz xy plane x z plane x x z y
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 10 of 23 y z plane y z
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 11 of 23 1575. 42 mhz xy plane x z plane x y x z z
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 12 of 23 y z plane y
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 13 of 23 1710 - 2170 mhz xy plane x z plane x y x z
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 14 of 23 y z plane y z
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 15 of 23 2300 - 2700 mhz xy plane x z plane x y z x
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 16 of 23 y z plane y z
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 17 of 23 4.3. 3d radiation pattern @ 751 mhz @824 mhz @880 mhz @960 mhz @1575.42 mhz @1710 mhz
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 18 of 23 @1880 mhz @ 1990 mhz @ 2170 mhz @ 2300 mhz @ 2690 mhz
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 19 of 23 5. mechanical drawing (unit: mm) unit : mm
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 20 of 23 6. installation
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 21 of 23 7. packaging
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 2 2 of 23 8. application note a ntenna performance with different cable length s is shown below for reference . ? efficiency ? peak gain
dsp - 15 - 8 - spe - 15 - 8 - 063 /c /ss page 23 of 23 ? average gain taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document an d the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd.


▲Up To Search▲   

 
Price & Availability of TLS01305111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X